Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

14-18 Fiches techniques, Datasheet

Description trouvée : '14-18' - Totale: 70 (1/4) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0190850003 Open Barrel Ring , Brass, for 14-18 AWG Wire, Stud Size 10
0002092111 2.36mm Diameter, Standard Pin and Socket Crimp Terminal, Series 7239, Male, with Tin (Sn) Plated Brass Contact, High Current, 14-18 AWG, Reel Packaged
0357501010 Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm²), Stud Size 8 M4, Tin Plating
0357501110 Ring Tongue Terminal for 14-18 AWG (0.75~2.08mm²), Stud Size 3-4 (M2.6), Post-Tin Plating
0190840003 Open Barrel Star Ring, Brass, for 14-18 AWG Wire, Stud Size 10
0357252610 Flag Quick Disconnect, Female, for 14-18 AWG (2.00-0.80mm²) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by Open Barrel Flag, Tin Plating
0357253710 6.35mm Tab Slip-On Wire-to-Wire Terminal, Female, 14-18 AWG, Post-Tin Plated
0005121104 Crimp Terminal 6482, 14-18 AWG, Reel
0357253701 6.35mm Tab Slip-On Wire-to-Wire Terminal, Female, 14-18 AWG, Unplated,
0190850001 Open Barrel Ring , Brass, for 14-18 AWG Wire, Stud Size 6
0197244202 Krimptite™ Snap Plug for 14-18 AWG Wire, Plated, Fits Diameter 4.57mm
0357252410 Quick Disconnect, Female, for 14-18 AWG (2.00 - 0.80mm²;) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by Slip-On Type With Slot, Post Tin Plating
0192160004 Multi-Lock Connector for 14-18 AWG Wire

PHOENIX CONTACT
1854048 VC-M-KV-PG21(14-18)

Molex Electronics Ltd.
0197244400 VibraKrimp™ Snap Plug for 14-18 AWG Wire
0638272100 Hand Tool for .250 Slip-in Receptacle Terminals for 14-18 AWG Wire
63819-5500 Hand Crimp Tool for 14-18 AWG Male and Female Power Contact Terminals
0561250028 5.00 and 7.50mm (.197 and Pitch Crimp Terminal 56125, Female, 14-18 AWGLead-Free, Reel
0190840007 Open Barrel Star Ring , Tin-Plated Steel, for 14-18 AWG Wire Range, Stud Size 6
0354216702 Flag Quick Disconnect, Female, for 14-18 AWG (2.00-0.80mm²) Wire, Metal Strip, Tab 6.35 by 0.81mm (.250 by Open Barrel, Pre Tin Plating

  1 2 3 4