Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



14-16 Fiches techniques, Datasheet

Description trouvée : '14-16' - Totale: 499 (1/25) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0190690104 Krimptite™ Ring Tongue Terminal for 14-16 AWG Wire
0190170073 InsulKrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal Strip, Tab4.75mm (.187") x 0.81mm (.032")
0191440020 InsulKrimp™ Spade Tongue Terminal for 14-16 AWG Wire
0191640027 Perma-Seal™ Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 5/16
0194180030 MX150L™ 16 Circuit Receptacle for 14-16 AWG Wire, with CPA
0442624336 9.14mm (.360") Pitch Crimp Terminal, Power Contact, Tin (Sn), All Over Nickel (Ni) with Select Gold, 14-16 AWG
0503237712 Spade Tongue Terminal for 14-16 AWG, Closed Uninsulated Brazed Barrel, Stud Size10 (M5), Oxygen-Free Copper, Length 16.80mm (.661")
19418-0037 MX150L™ 12 Circuit Receptacle for 14-16 AWG Wire, without CPA
0194190002_18 MX150L 8 Circuit Plug for 14-16 AWG Wire
0190020035 Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190190080 Avikrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal Strip, Tab4.75mm (.187") x 0.81mm (.032")
0192150018 VersaKrimp™ Butt Splice for 14-16 AWG Wire
0190030059 InsulKrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30), Box, Tab 4.75mm(.187") x 0.81mm (.032")
0330012003 MX150™ Female Terminal, Select Gold (Au) Plating, 14-16 AWG, Right Reel PayoffSmall Polarization Rib, Contact Material Thickness 0.30mm (.012")
0191640030 Perma-Seal™ Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 10
0190170037 InsulKrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Box, Tab 6.35mm(.250") x 0.81mm (.032")
0190690101 Krimptite™ Ring Tongue Terminal for 14-16 AWG Wire
0191930091 VersaKrimp™ Ring Tongue Terminal for 14-16 AWG Wire
0190750024 InsulKrimp™ Steel Star Ring Tongue Terminal for 14-16 AWG Wire, Stud Size 10,Mylar Tape Carrier
0190190036 Avikrimp™ Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal Strip, Tab6.35mm (.250") x 0.81mm (.032")