Moteur de recherche de fiches techniques de composants électroniques |
|
|
13849, Fiches technique, PDF |
Mot-clé recherché : '13849,' - Totale: 12 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
PHOENIX CONTACT |
2900566 |
94Kb/8P |
Safety level according to IEC 61508-1: SIL 3, ISO 13849: PL e |
List of Unclassifed Man... |
750110 |
384Kb/7P |
Contact expansion modules Up to PL e of EN ISO 13849-1 PNOZ s10 2010-09 |
PHOENIX CONTACT |
PSR-MS50-1NO-1DO-24DC-SC |
83Kb/6P |
Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061 |
PSR-MS45-1NO-1DO-24DC-SC |
83Kb/6P |
Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061 | |
PSR-MS35-1NO-24DC-SC |
83Kb/6P |
Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061 | |
PSR-MS55-1NO-1DO-24DC-SC |
83Kb/6P |
Up to Cat.4/PL e according to ISO 13849-1, SILCL 3 according to IEC 62061 | |
PSR-SPP-24DC |
123Kb/6P |
Up to Cat.4/PL e according to EN ISO 13849-1, SILCL 3 according to EN 62061, SIL 3 according to IEC 61508 | |
PSR-SCP-24DC |
124Kb/6P |
Up to Cat.4/PL e according to EN ISO 13849-1, SILCL 3 according to EN 62061, SIL 3 according to IEC 61508 | |
PSR-PIP-24DC |
122Kb/6P |
Up to Cat.4/PL e according to EN ISO 13849-1, SILCL 3 according to EN 62061, SIL 3 according to IEC 61508 | |
Siemens Semiconductor G... |
6ES7136-6BA01-0CA0 |
154Kb/3P |
SIMATIC DP, electronic module for ET 200SP, F-DI 8x 24 V DC HF, 15 mm width, up to PLe (ISO 13849-1)/ SIL3 (IEC 61508) 7/8/2022 |
PHOENIX CONTACT |
PSR-SCP-42-230UC |
100Kb/6P |
1 or 2-channel contact extension with wide range input, 4 N/O contacts, 1 N/C contact, 1 confirmation current path, together with basic device up to Cat. 4, PL e according to EN ISO 13849, plug-in screw terminal block, width: 22.5 mm |
PSR-SPP-42-230UC |
100Kb/6P |
1 or 2-channel contact extension with wide range input, 4 N/O contacts, 1 N/C contact, 1 confirmation current path, together with basic device up to Cat. 4, PL e according to EN ISO 13849, plug-in spring-cage terminal block, width: 22.5 mm |