Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

12V 5V Fiches techniques, Datasheet

Description trouvée : '12V 5V ' - Totale: 981 (1/50) Page
FabricantNo de pièceVoirDescription

ORION FANS
OD2510-05H DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)
OD6010_16 DC Fan - 5V, 12V 60x10mm (2.36”x 0.39”)

Linear Technology
LT1111 Micropower DC/DC Converter Adjustable and Fixed 5V, 12V

Texas Instruments
LM2596S-ADJ 3.3V, 5V, 12V, and Adjustable Output Versions

Linear Technology
LT1109 Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
LT1109_15 Micropower Low Cost DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 Micropower DC-DC Converter Ajustable and Fixed 5V, 12V
LT1086_04 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V

List of Unclassifed Man...
WT7510 The Over Voltage Detector (OVD) monitors 3.3V, 5V, 12V input voltage level

Linear Technology
LT1086 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1109A Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V
LT1111_03 Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073_1 Micropower DC/DC Converter Adjustable and Fixed 5V, 12V

ORION FANS
OD2510_16 DC Fan - 5V, 12V 25 x 10mm (1.0 x .39in)

Linear Technology
LT1173 Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110_15 Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1073_15 Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 Micropower DC/DC Converter Adjustable and Fixed 5V, 12V

List of Unclassifed Man...
ZUS62405 Rated input 5V, 12V, 24V or 48V DC Io=100%.

Linear Technology
LT1109A_15 Micropower DC/DC Converter Flash Memory VPP Generator Adjustable and Fixed 5V, 12V

  1 2 3 4 5 6 7 8 9 10