Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

12V Fiches techniques, Datasheet

Description trouvée : '12V' - Totale: 756 (1/38) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
98-121 12V DC Sealed, Maintenance-Free Battery for All Inverter/Chargers that Accept 12V DC Battery Connections

Delta Electronics, Inc.
E36SC12009NRFA Delphi Series E36SC120, Eighth Brick 108W DC/DC Power Modules: 18V~75Vin, 12V, 9Aout
PACSR12025 12V Output AC/DC Converter

Microsemi Corporation
LXMG1643-12-62 12V Quad 6W CCFL Programmable Inverter Module

Diodes Incorporated
DMP1022UFDE_15 12V P-CHANNEL ENHANCEMENT MODE MOSFET

STMicroelectronics
L7200 MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL “COMBO”

Rohm
BD8166EFV 12V Input Multi-channel System Power Supply IC

Pasternack Enterprises,...
PE71S6148 SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Latching, Indicators, TTL

NTE Electronics
NTE7128 Integrated Circuit Positive Voltage Regulator with ON/OFF Feature, 12V, 1A

Anpec Electronics Corop...
APW7143 3A, 12V, Asynchronous Buck Converter

Texas Instruments
LMV641_15 LMV641 10 MHz, 12V, Low Power Amplifier

Intersil Corporation
RF1K49211 7A, 12V, 0.020 Ohm, Logic Level, Single N-Channel LittleFET™ Power MOSFET

Diodes Incorporated
ZXTC6717MC DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION

FSP TECHNOLOGY INC.
CB1266F 12V building blocks easily configurable to 154V battery

Gilway Technical Lamp
155-1620 L7402 12V / 20 Watt G4 Halogen

Diodes Incorporated
DMP1245UFCL 12V P-CHANNEL ENHANCEMENT MODE MOSFET

Union Semiconductor, In...
UESD16V8S4C_16 Quad Line 12V ESD Protection Diode Array

Bel Fuse Inc.
VRPC-10A NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.5- 3.3V Output / 10A

CML Microcircuits
1112LF T-3 1/4(10mm) 12V 0.1A Lead-free Wedge base lamp

MagnaChip Semiconductor...
MDWC0340EB Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)

  1 2 3 4 5 6 7 8 9 10