Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

1206 Fiches techniques, Datasheet

Description trouvée : '1206' - Totale: 1704 (1/86) Page
FabricantNo de pièceVoirDescription

Littelfuse
0466.200NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466002.NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466.250NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466003.NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046602.5NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
04661.25NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)

Kemet Corporation
C1206C474K4RACTU Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, +/-10% Tol, 16 V, X7R, 1206 (3216 metric)Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, +/-10% Tol, 16 V, X7R, 1206 (3216 metric)

Littelfuse
0466004.NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
04661.75NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466.125NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466005.NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
0466.125WR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)
046601.5NR SLIM 1206 LEAD FREE SMF FUSE (1206 CHIP SIZE)

Everlight Electronics C...
15-21-GHC-YR1S1-2T_05 1206 Package Chip LED (1.1 mm Height)

Kemet Corporation
C1206C472K5RACAUTO SMD Auto X7R, Ceramic, 4700 pF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 1206
C1206C103KBRACTU Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.01 uF, +/-10% Tol, 630 V, X7R, 1206 (3216 metric)
LDECA1470JA0N00 LDE, Film, Metallized PEN Stacked, Automotive Grade, 4700 pF, 5%, 50 V, 40 VAC, 125C, 1206, 1.1mm
C1206C473K1RACTU Ceramic, Commercial-(CxxxxC), 0.047 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II

Everlight Electronics C...
15-21-R6C-AN1P2-2T 1206 Package Chip LED(1.1mm Height)

Kemet Corporation
C1206S102K5RACAUTO SMD Auto X7R FE, Ceramic, Floating Electrode, 1000 pF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 1206

  1 2 3 4 5 6 7 8 9 10