Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

120 Fiches techniques, Datasheet

Description trouvée : '120' - Totale: 628 (1/32) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
PFB1224UHE 120 x 120 x 38 MM SERIES

ERNI Electronics
DC0007397 0.8 DRC-Q. M 1mm, 120 polig 0.8 DRC-Q, M 1mm, 120 pin

Hamamatsu Corporation
C9732DK-11_15 For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 x 120 mm
C9732DK-11 For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 × 120 mm

ERNI Electronics
DC0007435 0.8 DRC-Q, F 120 polig 0.8 DRC-Q, F 120 pin

Sanyo Semicon Device
STK401-140 Two-Channel AF Power Amplifier (+- Power Supply) 120 W + 120 W Minimum, THD = 0.4%   

Hamamatsu Corporation
C9732DK-11_11 For soft X-ray imaging, cassette type with USB 2.0 interface Large photodiode area: 120 × 120 mm

List of Unclassifed Man...
RER120TD DC centrifugal fans Series RER 120 TD Ø 120 x 54 mm
AFB1212SHE 120 x 120 x 38 MM SERIES
FFB1212EH 120 x 120 x 25.4 MM SERIES
FFB1224EHE 120 x 120 x 38 MM SERIES

ERNI Electronics
DC0007395 0.8 DRC-Q. M 1mm, 120 polig 0.8 DRC-Q, M 1mm, 120 pin

STMicroelectronics
TSV611 Rail-to-rail input/output 11 μA, 120 kHz CMOS operational amplifiers

Recom International Pow...
REDIN120-3AC 120 Watt 3 Phase DIN-Rail Power Supply

E-SWITCH
N211044 PACKAGED 120 PCS. PER TUBE

Marktech Corporate
LM1-PPP1-01-N1-MT 120 Degree 3.2 x 2.8mm SMT-LED

PHOENIX CONTACT
ST-REL4-SW120 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 2 PDT, input voltage 120 V AC, with light indicator, can be plugged onto basic termination blocks

List of Unclassifed Man...
9HV1248P1G001 AC Fan 120 9AD type

Solid States Devices, I...
SDA240A 120 AMPS, 35 to 45 VOLTS ISOLATED CENTER TAP COMMON CATHODE RECTIFIER

Kemet Corporation
C0402C121J5GACTU Ceramic, Commercial-(CxxxxC), 120 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I

  1 2 3 4 5 6 7 8 9 10