Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

12.0 Fiches techniques, Datasheet

Description trouvée : '12.0' - Totale: 145 (1/8) Page
FabricantNo de pièceVoirDescription

MTRONPTI
M4005 3.3 V, 5.0 V or 12.0 V, Sine Wave, SAW Oscillator

Teledyne Technologies I...
A2CP12024 6.0 TO 12.0 GHz COUGARPAK™ AMPLIFIER

Thinki Semiconductor Co...
FRF1220A 12.0 Ampere Insulated Dual Common Anode Fast Recovery Rectifiers

MTRONPTI
XO5019 2x2 inch, 12.0 Volt, CMOS/Sinewave, OCXO

HBH Microwave GmbH
HA6011_1 8.0 - 12.0 GHz High Power Amplifier

EUROQUARTZ limited
OC11T12S SC-Cut Crystal - Square Wave - 12.0 Volts

Allegro MicroSystems
SI-8120JD Step-Down to 12.0 V, 1.5 A, DC/DC Converter

Excelics Semiconductor,...
EMP211-Q5 9.5 - 12.0 GHz Surface-Mounted PA

Thinki Semiconductor Co...
F12C20C 12.0 Ampere Common Cathode Fast Recovery Rectifier Diode
F12C20D 12.0 Ampere Doubler Tandem Fast Recovery Rectifier Diodes

Transcom, Inc.
TA060-120-25-27 6.0 . 12.0 GHz 27dBmAmplifiers

Molex Electronics Ltd.
1300061706 Mini-Change A-Size Single-Ended Cordset, Straight Male to Pigtail, 6 Poles, 3.66m (12.0 ) Length, Cable Type STOOW

Teledyne Technologies I...
ACP12017 6.0 TO 12.0 GHz COUGARPAK AMPLIFIER

Hittite Microwave Corpo...
HMC362S8G SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 12.0 GHz
HMC363G8 SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz

Thinki Semiconductor Co...
U12C20C_18 12.0 Ampere Dual Common Cathode Ultra Fast Recovery Rectifiers

Advanced Micro Devices
AM28F512A 512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms

EUROQUARTZ limited
OC31T12A AT-Cut Crystal - Square Wave - 12.0 Volts

Transcom, Inc.
TA060-120-15-27 6.012.0 GHz 17dB Gain 27dBm Amplifiers

JMK Inc.
HH-1545-12 Operating voltage = 50 Vdc Operating current = 12.0 Amp

  1 2 3 4 5 6 7 8