Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

12-BIT Fiches techniques, Datasheet

Description trouvée : '12-bIT' - Totale: 27 (1/2) Page
FabricantNo de pièceVoirDescription

NXP Semiconductors
ADC1213D Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
DAC1205D650 Dual 12-bit DAC, up to 650 Msps; 2´ 4´ andinterpolating
ADC1213S_1106 Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
DAC1201D125 Dual 12-bit DAC, up to 125 Msps
PCA9685PW 16-channel, 12-bit PWM Fm+ I2C-bus LED controller
LPC54102J256BD64QL 32-bit ARM Cortex-M4/M0+ MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
GTL2107 12-bit GTL−/GTL/GTL+ to LVTTL translator
LPC176X Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
GTL2008 12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
ADC1213D_11 Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
LPC54101J512BD64QL 32-bit ARM Cortex-M4/M0+ MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
DAC1208D650 Dual 12-bit DAC; up to 650 Msps; 2×, 4× or 8× interpolating with JESD204A interface
ADC1213S Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
PCA9685 16-channel, 12-bit PWM Fm+ I2C-bus LED controller
LPC4370 32-bit ARM Cortex-M4 + 2 x M0 MCU 282 kB SRAM Ethernet two HS USBs 80 Msps 12-bit ADC configurable peripherals
ADC1215S Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
PCA9685_10 16-channel, 12-bit PWM Fm+ I2C-bus LED controller
ADC1213D_1106 Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
CBT16212 24-bit bus exchange switch with 12-bit output enables
ADC1210S Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs

  1 2