Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

12-BIT Fiches techniques, Datasheet

Description trouvée : '12-bIT' - Totale: 104 (1/6) Page
FabricantNo de pièceVoirDescription

National Semiconductor ...
ADC12L030 3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1242 12-Bit Plus Sign Sampling A/D Converter
ADC12DC080 Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
ADC12DS105_08 Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
CLC5957_02 12-Bit, 70MSPS Broadband Monolithic A/D Converter
ADC12V170 12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12281 12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
ADC78H89 7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC12081_02 12-Bit, 5MHz Self-Calibrating, Pipelined A/D Converter with Internal Samble & Hold
ADC128S052 8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM12454 12-Bit Sign Data Acquisition System with Self-Calibration
ADC122S655 Dual 12-Bit, 200 kSPS to 500 kSPS, Simultaneous Sampling A/D Converter
ADC12V170_09 12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC78H89CIMT 7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC12D040 Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
ADC12C170 12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
LM92_05 ±0.33°C Accurate, 12-Bit + Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
ADC12D1000 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC122S101 2 Channel, 1 MSPS 12-Bit A/D Converter

  1 2 3 4 5 6