Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



12-35 Fiches techniques, Datasheet

Description trouvée : '12-35' - Totale: 3 (1/1) Pages
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
EMG17-OE-12DC Input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 12 V DC, output: short-circuit resistant, 12-35 V DC/max. 500 mA
ST-OE3-220DC Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 220 V DC, output: short-circuit resistant, 12-35 V DC/max. 500 mA, can be plugged on basic termination blocks
ST-OE3-230AC Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: short-circuit resistant, 12-35 V DC/max. 500 mA, can be plugged on basic termination blocks