Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

12- 14- 16-BIT Fiches techniques, Datasheet

Description trouvée : '12- 14- 16-BIT ' - Totale: 5231 (1/262) Page
FabricantNo de pièceVoirDescription

Linear Technology
LTC2704_09 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback

Texas Instruments
ADS8528 12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528_14 12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS

Linear Technology
LTC2704_15 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback

Texas Instruments
DAC7750 DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC8311 1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311_08 1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC7760 Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC8760IPWPR Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
ADS42JB49 Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49_13 Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49_14 Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC7750_15 DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications

Analog Devices
SDC1768 12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS

Texas Instruments
ADS42JB49_15 Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
DAC7760_15 Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications

OKI electronic componet...
MR27V1652E 1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM

SPANSION
AM41LV3204M Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM

  1 2 3 4 5 6 7 8 9 10