Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



10A Fiches techniques, Datasheet

Description trouvée : '10A' - Totale: 1355 (1/68) Pages
FabricantNo de pièceVoirDescription

Eldeco Srl
MRH31 Standard : UL - IEC 300V - 250V 10A - 10A

Molex Electronics Ltd.
0936010045 GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag)

Eldeco Srl
BLT31-H Standard : UL - IEC 300V-130V 10A - 10A
MRB31-3.5-V Standard : UL - IEC 300V - 250V 10A - 10A
BLT31-V Standard : UL - IEC 300V - 130V 10A - 10A
MRD31-L Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-R Standard : UL - IEC 300V - 250V 10A - 10A

Molex Electronics Ltd.
0936010009 GWconnect Stamped Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) Plated Phosphor Bronze, 0.14-0.75mm² (26-18 AWG), 2000 per Reel

Tripp Lite. All Rights ...
P004008 Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft

GREATECS
MP3 Micro Switches up to 10A 125/250VAC

Diodes Incorporated
10A01 10A RECTIFIER

Molex Electronics Ltd.
0936010114 GWconnect Crimp Contact Insert, Female, 72-Pole, 10A, Numbered 73-144, for Turned contacts

Diodes Incorporated
SBR10200CTB_15 10A SBR® SUPER BARRIER RECTIFIER

Frontier Electronics.
PBP10-005 10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS

CIT Relay & Switch
WJ152 Switching capacity up to 10A

Diodes Incorporated
SBR10100CT_16 10A SBR SUPER BARRIER RECTIFIER

Unisonic Technologies
BTB10A_15 10A TRIACS

Eldeco Srl
CRV-5.08-LF Standard : UL - IEC 300V - 320V 15A - 10A

Diodes Incorporated
SBG1025L_1 10A SCHOTTKY BARRIER RECTIFIER

Tripp Lite. All Rights ...
P006-006-13RA NEMA 5-15P to Right-Angle IEC-320-C13 Power Extension Cable, Heavy Duty - 10A, 125V, 18 AWG, 6 ft., Black