Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

10A Fiches techniques, Datasheet

Description trouvée : '10A' - Totale: 1355 (1/68) Page
FabricantNo de pièceVoirDescription

Eldeco Srl
MRH31 Standard : UL - IEC 300V - 250V 10A - 10A

Molex Electronics Ltd.
0936010045 GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag) GWconnect Turned Crimp Contact for 10A Inserts and Modules, Female, Silver (Ag)

Eldeco Srl
BLT31-H Standard : UL - IEC 300V-130V 10A - 10A
MRB31-3.5-V Standard : UL - IEC 300V - 250V 10A - 10A
BLT31-V Standard : UL - IEC 300V - 130V 10A - 10A
MRD31-L Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-R Standard : UL - IEC 300V - 250V 10A - 10A

Diodes Incorporated
SBR10200CTB_15 10A SBR® SUPER BARRIER RECTIFIER

Frontier Electronics.
PBP10-005 10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS

List of Unclassifed Man...
JQX14-FF Single-Pole, 10A, PC Borad & QC terminal

Diodes Incorporated
SBR10100CT_16 10A SBR SUPER BARRIER RECTIFIER

Unisonic Technologies
BTB10A_15 10A TRIACS

Eldeco Srl
CRV-5.08-LF Standard : UL - IEC 300V - 320V 15A - 10A

STMicroelectronics
TYN410RG 10A SCR

Tripp Lite. All Rights ...
P006-006-13RA NEMA 5-15P to Right-Angle IEC-320-C13 Power Extension Cable, Heavy Duty - 10A, 125V, 18 AWG, 6 ft., Black

DIYI Electronic Technol...
SBP10L45CT 10A LOW VF SCHOTTKY RECTIFIER

Texas Instruments
LMZ12010TZ LMZ12010 10A SIMPLE SWITCHER® Power Module with 20V Maximum Input Voltage

Diodes Incorporated
SBR10U150CT_08 10A SBR® SUPER BARRIER RECTIFIER

STMicroelectronics
STB10NC50-1 N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET

MagnaChip Semiconductor...
MDCA0338E Common-Drain N-Channel Trench MOSFET 24V, 10A, 11.6m(ohm)

  1 2 3 4 5 6 7 8 9 10