Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

10-BIT Fiches techniques, Datasheet

Description trouvée : '10-BIT' - Totale: 292 (1/15) Page
FabricantNo de pièceVoirDescription

Analog Devices
AD561JNZ Low Cost 10-Bit Low Cost 10-Bit
AD9215 10-Bit, 65/80/105 MSPS, 3V A/D Converter
AD9060 10-Bit 75 MSPS A/D Converter
AD7804 +3.3 V to +5 V Quad/Octal 10-Bit DACs
ADV7127_17 10-Bit, High Speed Video DAC
AD9215_15 10-Bit, 65/80/105 MSPS, 3 V A/D Converter
ADV7152_15 CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
AD9040A 10-Bit 40 MSPS A/D Converter
AD7810YRZ-REEL7 2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP
AD9411_15 10-Bit, 170/200 MSPS 3.3 V A/D Converter
AD9840AJSTZ Complete 10-Bit 40 MSPS CCD Signal Processor
ADV7401_15 10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
AD7391ANZ 3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
ADV7190_15 Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
ADV7122_15 CMOS 80 MHz, Triple 10-Bit Video DACs
AD9410 10-Bit, 210 MSPS A/D Converter
ADV7441A 10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
AD876 10-Bit 20 MSPS 160 mW CMOS A/D Converter
ADV7281 10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
ADV7180 10-Bit, 4 x Oversampling SDTV Video Decoder

  1 2 3 4 5 6 7 8 9 10