Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

10- Fiches techniques, Datasheet

Description trouvée : '10-' - Totale: 43 (1/3) Page
FabricantNo de pièceVoirDescription

Texas Instruments
DS90UB913Q-Q1 10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
CD54HC147 High-Speed CMOS Logic 10- to 4-Line Priority Encoder

Analog Devices
HDS-1250ATM 8-, 10-, 12-Bit Video Speed Hybrid Current & Voltage Out D/A Converter
AD7998_15 8-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 20-Lead TSSOP

Renesas Technology Corp
EL5226 10- and 12-Channel TFT-LCD Reference Voltage Generators

PHOENIX CONTACT
0202138 Insertion bridge - EB 10- 8 - 0202138

Texas Instruments
DAC5311 1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,

Analog Devices
AD7993 4-Channel, 10- and 12-Bit ADCs with I2C Compatible Interface in 16-Lead TSSOP

Intersil Corporation
EL5127 2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers

Analog Devices
AD7392 +3 V, Parallel Input Micropower 10- and 12-Bit DACs

PHOENIX CONTACT
0203263 Fixed bridge - FBI 10- 8 - 0203263
2320199 Power module - MINI-PS- 10- 42AC/15-60DC/3
0311663 Fixed bridge - FB 10- URTK/SP - 0311663

Analog Devices
AD7994_15 4-Channel, 10- and 12-Bit ADCs with IC Compatible Interface in 16-Lead TSSOP
AD7997 8-Channel, 10- and 12-Bit ADCs with I2CCompatible

PHOENIX CONTACT
0201184 Fixed bridge - FB 10- 6 - 0201184

List of Unclassifed Man...
ISD1200 Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations

Intersil Corporation
EL5123 12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers

Texas Instruments
ADS7950-Q1 ADS79xx-Q1 8-, 10-, and 12-Bit, 1-MSPS, 4-, 8-, 12-, and 16-Channel, Single-Ended, Micropower, Serial Interface, Analog-to-Digital Converters
CD74FCT821A BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State

  1 2 3