Moteur de recherche de fiches techniques de composants électroniques |
|
|
1.95 Fiches technique, PDF |
Mot-clé recherché : '1.95' - Totale: 10 (1/1) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Yantel Corporation |
HC1850U03-030 |
756Kb/4P |
90 Degree Hybrid 1.75 GHz-1.95 GHz |
Unisonic Technologies |
UTR4502 |
223Kb/4P |
-1.95 Amps, -30 Volts P-CHANNEL POWER MOSFET |
Analog Devices |
HMC891ALP5E |
546Kb/11P |
1.95 GHz to 3.4 GHz, Tunable Band-Pass Filter |
Fairchild Semiconductor |
FDMS7570S |
347Kb/8P |
N-Channel PowerTrench SyncFETTM 25 V, 49 A, 1.95 m Ohm |
Analog Microelectronics |
TO-252-2 |
39Kb/1P |
A : MIN 0.43 MAX 0.58 B : MIN 1.60 MAX 1.95 |
STMicroelectronics |
STF260N4F7 |
470Kb/11P |
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package October 2015 |
Hubbell Incorporated. |
BURNDY_YF3030ID |
278Kb/2P |
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 3/0 AWG, 1.95" L, Tin Plated, Red, For use on Cu Cond. |
STMicroelectronics |
STFU260N4F7 |
466Kb/10P |
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP ultra narrow leads package November 2015 |
STP6N120K3 |
798Kb/17P |
N-channel 1200 V, 1.95 廓 typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages | |
STFW6N120K3 |
798Kb/17P |
N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages |