Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

1.8 Fiches techniques, Datasheet

Description trouvée : '1.8' - Totale: 705 (1/36) Page
FabricantNo de pièceVoirDescription

SPANSION
AM29PDS322D 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory

Advanced Micro Devices
AM29PDS322D 32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory

Analog Devices
AD9649_17 14-Bit, 20/40/65/80 MSPS, 1.8 V Analog-to-Digital Converter

Eon Silicon Solution In...
EN29SL400 4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only

Vishay Siliconix
SI5933DC-T1-E3 Dual P-Channel 1.8 V (G-S) MOSFET

Chicago Miniature Lamp,...
4362D1 Solid State LED Lamps-Rectangular 1.8 x 5.3mm Tri-Color

SPANSION
S29AS008J 8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory

Motorola, Inc
MRFIC1804 1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT

Power Systems GmbH+Co.K...
HRS-0505 DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER

Kemet Corporation
T499C336K006ATE1K8 Tantalum, MnO2 Tantalum, High Temperature, T499, 33 uF, 10%, 6.3 V, 6032, SMD, MnO2, Molded, Hi-Temp, 175C, Auto, AECQ200, N/A, 1.8 Ohms, Height Max = 2.8mm

Analog Devices
ADA4004-4_07 1.8 nV/√Hz, 36 V Precision Quad Amplifier

ON Semiconductor
74ALVC16373 Low−Voltage 1.8 Transparent Latch

SPANSION
AM29BDS643G 64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory

Analog Devices
AD9640ABCPZ-105 14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
AD8515 1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
AD9954_09 400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer

Sony Corporation
LCX017DLT 4.6cm (1.8 Type) Black-and-White LCD Panel

National Instruments Co...
NI4070 61⁄2-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers

Analog Devices
AD9212_17 Serial LVDS, 1.8 V ADC

NXP Semiconductors
SSTUH32865 1.8 V 28-bit high output drive 1:2 registered buffer with parity for DDR2 RDIMM applications

  1 2 3 4 5 6 7 8 9 10