Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



1.35 Fiches techniques, Datasheet

Description trouvée : '1.35' - Totale: 25 (1/2) Pages
FabricantNo de pièceVoirDescription

RSG Electronic Componen...
CX6SM 800 kHz to 1.35 MHz Ultra-Low Profile (1mm)Miniature Surface Mount Quartz Crystal

Micronetics, Inc.
EL0036 High Power Limiters 1.25 GHz to 1.35 GHz

Analog Microelectronics
SSOP-28 A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.25

MagnaChip Semiconductor...
MDF7N65B N-Channel MOSFET 650V, 7.0A, 1.35(ohm)

Molex Electronics Ltd.
0923150641 Picoflex PF-50 IDT-to-IDT, 6 Circuits, 0.41m (1.35 ) Length

ON Semiconductor
NCP2991 1.35 Watt Audio Power Amplifier with Selectable Fast Turn On Time

List of Unclassifed Man...
MS-156C Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz

Pasternack Enterprises,...
PE1V11019 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.35 GHz to 1.65 GHz

Analog Microelectronics
LQFP-48 A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45

Molex Electronics Ltd.
0923151641 Picoflex PF-50 IDT-to-IDT, 16 Circuits, 0.41m (1.35 ) Length

Tensility International...
CA-2214 Extension cable, 3.5 x 1.35 mm dc jack to right angle P7, 6 feet, 24 AWG, zip cord

MagnaChip Semiconductor...
MDHT4N20Y N-Channel MOSFET 200V, 0.85A, 1.35(ohm)

Pasternack Enterprises,...
PE15B5001 High Power Bi-Directional Amplifier, 5/20 Watts, 1.35 GHz to 1.39 GHz, 1 us switching, 22 dB Gain, SMA
PE1V11019_16 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.35 GHz to 1.65 GHz With Phase Noise of -90 dBc/Hz

RSG Electronic Componen...
CX2SM 760 kHz to 1.35 MHz Low Profile Miniature Surface Mount Quartz Crystal

Tensility International...
CA-2211 Extension cable, 3.5 x 1.35 mm dc jack to P7 plug, 6 feet, 24 AWG, zip cord
CA-2217 Extension cable, 3.5 x 1.35 mm dc jack to P7 plug, 3 feet, 24 AWG zip cord

Analog Microelectronics
SOP-8 A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.30

Hirose Electric
MS-156C_17 Subminiature Coaxial Switch 1.35 mm High, DC to 11 GHz

PHOENIX CONTACT
1705452 Coding profile, inserted into the hole on the plug, made from red insulating material, diameter: 1.35 mm

1 2 Next


1 2 Next