Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

1.2V Fiches techniques, Datasheet

Description trouvée : '1.2V' - Totale: 173 (1/9) Page
FabricantNo de pièceVoirDescription

NTE Electronics
NTE970 Linear Integrated Circuit 3-Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A

STMicroelectronics
LM217L LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR

Power-One
QLS30ZB QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output

Advanced Monolithic Sys...
AMS5010 1.2V VOLTAGE REFERENCE

Fairchild Semiconductor
FAN1589 2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5

Diodes Incorporated
ZLDO1117 1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs

Bel Fuse Inc.
SRDC-16D120 NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
S7DB-07A NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A
S7DB-12B NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
V7PD-15B NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 15A

NTE Electronics
NTE1929 3 Terminal Adjustable Positive Voltage Regulator 1.2V to 33V, 3A

Burr-Brown (TI)
TSC2007 1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface

Microsemi Corporation
LX1004 1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES

National Semiconductor ...
LP2983 Micropower 150 mA Voltage Regulator in SOT-23 Package For Output Voltages 1.2V Designed for Use with Very Low ESR Output Capacitors

Rohm
2SD2171S MEDIUM POWER TRANSISTOR(25V, 1.2V), GENERAL PURPOSE TRANSISTOR(50V, 0.15A)

Galaxy Power, Inc.
GPLW5V060 LEO Series Industry’s Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan

Monolithic Power System...
EV2905-K-01A 1.2V, 10A, 300kHz, Hysteretic Synchronous Step-Down Controller Evaluation Board

Bel Fuse Inc.
SRAH-05C NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 5A
SRDB-08B NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPD-15C NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A

  1 2 3 4 5 6 7 8 9