Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

1.25 Fiches techniques, Datasheet

Description trouvée : '1.25' - Totale: 664 (1/34) Page
FabricantNo de pièceVoirDescription

Optoway Technology Inc
LT-74H73H-PG 3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
NU-73D74D-PG 3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver
NU-73H74H-PG 3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
SPL-74H73H-G 3.3V / 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX IEEE 802.3ah-2004 PX-20+ SC SFP OLT Transceiver
LT-74D73D-PG 3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX10)
LT-74E73E-PG 3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)

Frontier Electronics.
BL5200K08052T Surface mount ceramic balun with a small size of 2.00 x 1.25 x 0.95 mm (0805 size).

Source Photonics, Inc.
C-127-1250-TDFB-SSC2 1.25 Gbps CWDM Single Mode Transceiver(5V)

Optoway Technology Inc
SPS-73120WG_15 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-7111WG_08 3.3V / 1310 nm / 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-73200WG_15 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER

Freescale Semiconductor...
K50P81M100SF2 Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz

Recom International Pow...
RN-3.33.3S 1.25 Watt DIP8 Sigle Output

Optoway Technology Inc
TRSL-7380G 3.3V / 1550 nm / 1.25 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
BTR-7700MG 1550 nm TX / 1310 nm RX , 3.3V / 1.25 Gb/s RoHS Compliant Single-Fiber MM Transceiver
SPS-7350WG_2015 1.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
TRM-7100 3.3V / 850 nm / 1.25 Gbps OPTICAL MULTI-MODE TRANSCEIVER

Molex Electronics Ltd.
63819-4100 Hand Crimp Tool for CTX 1.50mm Receptacle Terminal, 1.25, 1.50, and 2.00mm

Source Photonics, Inc.
C-13-1250-FDFB-SLC2 1.25 Gbps Single Mode SFF LC Transceiver

Optoway Technology Inc
SPS-73180G_15 1.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER

  1 2 3 4 5 6 7 8 9 10