Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

1.2 Fiches techniques, Datasheet

Description trouvée : '1.2' - Totale: 577 (1/29) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
1SG1885 1.2 AMPS GENERAL PURPOSE PLASTIC RECTIFIERS VOLTAGE RANGE 100 TO 600 VOLTS FOWARD CURRENT 1.2 AMPERES

Vishay Siliconix
SIP4282_10 1.2 A Slew Rate Controlled Load Switch in PPAK SC75-6, and TDFN4 1.2 mm x 1.6 mm

Tyco Electronics
1-1718646-1 CONNECTOR, 6POS., MCON 1.2, SEALED Gehaeuse, 6pol., MCON 1.2, dicht
1718646 CONNECTOR, 6POS, MCON 1.2 SEALED Gehaeuse, 6pol, MCON 1.2 dicht

Hotchip Technology Co.,...
PB0053E 1.2 A synchronous booster transfer, 1.2 A synchronous switch

Fox Electronics
FX122-327 SMD 2.0 x 1.2 Tuning Fork

Ningbo Foryard Optoelec...
FYM-12883AXX-00 1.2 inch (31.70mm) Matrix height, Dot Matrix Display

Vishay Siliconix
SI8429DB-T1-E1 P-Channel 1.2 V (G-S) MOSFET

SunLED Corporation
AUG30A 30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY

Motorola, Inc
MTD4N20E TMOS POWER FET 4.0 AMPERES 200 VOLTS RDS(on) = 1.2 OHM

Texas Instruments
LMH6555 LMH6555 Low Distortion 1.2 GHz Differential Driver

Frontier Electronics.
BM2450E0805DT Surface mount balun matched filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.

Vishay Siliconix
SIP32431 1.0 A Slew Rate Controlled Load Switch with Reverse Blocking in SC70-6, and TDFN4 1.2 mm x 1.6 mm

Kingbright Corporation
TA12-11GWA 30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY

Kemet Corporation
VC2220K122R030 KEMET, VC, Varistors, Low Voltage, 38 V, 30 VAC, 47 V, 77 V, 10 A, 1.2 kA, 12.2 J, 20 mW

Tripp Lite. All Rights ...
P136-06N-UHD-V2 DisplayPort 1.2 to HDMI Active Converter, DisplayPort to HDMI (M/F), UHD 4K x 2K/1080p, 6 in.

PARA LIGHT ELECTRONICS ...
A1201SR 1.2 INCH SINGLE DIGIT DISPLAY

Analog Devices
ADP2300 1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator

National Semiconductor ...
LMX2314 1.2 GHz Frequency Synthesizer for RF Personal Communications

MPS Industries, Inc.
MP2131GG-Z High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter

  1 2 3 4 5 6 7 8 9 10