Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



1.0 Fiches techniques, Datasheet

Description trouvée : '1.0' - Totale: 2118 (1/106) Pages
FabricantNo de pièceVoirDescription

Kingtronics Internation...
1A1-1A7 1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes

ON Semiconductor
NTUD3129P Small Signal MOSFET -20 V, -180 mA, Dual P-Channel, 1.0 x 1.0 mm SOT-963 Package

Siemens Semiconductor G...
BGA318 Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz)

GOOD-ARK Electronics
SKN7-S_15 1.0 Amp. Surface Mount Schottky Barrier Rectifiers Voltage Range 20 to 40 Volts Forward Current 1.0 Ampere

SeCoS Halbleitertechnol...
SMF101B_10 1.0 Amp Surface Mount Silicon 1.0 Amp Surface Mount Silicon

ON Semiconductor
NTUD3169CZ Small Signal MOSFET 20 V, 220 mA / −200 mA, Complementary, 1.0 x 1.0 mm SOT−963 Package

Kingtronics Internation...
DB101-DB107 Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes

ON Semiconductor
NTUD3170NZ Small Signal MOSFET 20 V, 220 mA, Dual N−Channel, 1.0 mm x 1.0 mm SOT−963 Package

GOOD-ARK Electronics
SB170S 1.0 Amp Schottky Barrier Rectifiers Voltage Range 70 to 100 volts Forward Current 1.0 Ampere

Yea Shin Technology Co....
DB101 SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere

Kingtronics Internation...
DB101S-DB107S Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Amperes

ON Semiconductor
NTUD3171PZ Small Signal MOSFET −20 V, −200 mA, Dual P−Channel, 1.0 x 1.0 mm SOT−963 Package

Pan Jit International I...
AM100 1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)

Siemens Semiconductor G...
BGA310 Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)

ON Semiconductor
NTUD3127C Small Signal MOSFET 20 V, 200 mA / −180 mA, Complementary, 1.0 x 1.0 mm SOT−963 Package

Rohm
SMLP34RGB1W Tri-Color Top View 0404 <1.0 1.0 t=0.2mm> High Brightness Type

GOOD-ARK Electronics
SK12S_15 1.0 Amp. Surface Mount Schottky Barrier Rectifiers Voltage Range 20 to 100 Volts Forward Current 1.0 Ampere

Hittite Microwave Corpo...
HMC939LP4 1.0 dB LSB GaAs MMIC 5-BIT DIGITAL 1.0 dB LSB GaAs MMIC 5-BIT DIGITAL

ON Semiconductor
NTUD3128N Small Signal MOSFET 20 V, 200 mA, Dual N-Channel, 1.0 mm x 1.0 mm SOT-963 Package

Siemens Semiconductor G...
BGA312 Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)