Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

0603 Fiches techniques, Datasheet

Description trouvée : '0603' - Totale: 2242 (6/113) Page
FabricantNo de pièceVoirDescription

Kemet Corporation
C0603C473J4RACTU Ceramic, SMD Comm X7R, 0.047 uF, 5%, 16 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C681JAGACAUTO SMD Auto C0G, Ceramic, 680 pF, 5%, 250 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603
C0603C100K5GACTU Ceramic, Commercial-(CxxxxC), 10 pF, 10%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0603S103K5RACAUTO SMD Auto X7R FE, Ceramic, Floating Electrode, 0.01 uF, 10%, 50 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0603
C0603C105Z9VACTU Capacitor, Ceramic, SMD, MLCC, General Purpose, Class III, 1 uF, -20/+80% Tol, 6.3 V, Y5V, 0603 (1608 metric)
CBR06C408BAGAC Ceramic, High Q, Microwave (CBR), 0.4 pF, +/-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I

Littelfuse
0434004.NRP Surface Mount Fuses Thin Film > 0603 Size > Very Fast Acting > 434 Series

Kemet Corporation
CBR06C509BAGAC CBR-SMD RF C0G, Ceramic, High Q, 5 pF, +/-0.1 pF, 250 V, 0603, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I

P-tec Corporation
PL00236-WCR08 SMD LED 0603 Package

Kemet Corporation
C0603C224M4VACTU SMD Comm Y5V, Ceramic, 0.22 uF, 20%, 16 V, Y5V, SMD, MLCC, General Purpose, Class III, 0603
CBR06C808CAGAC CBR-SMD RF C0G, Ceramic, High Q, 0.8 pF, +/-0.25 pF, 250 V, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I, 0603
C0603C333K5RACAUTO Ceramic, AUTO-(CxxxxC-AUTO), 0.033 uF, 10%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0603C102K5RECTU ESD SMD Comm X7R, Ceramic, Electro Static Discharge, 1000 pF, 10%, 50 VDC, X7R, SMD, MLCC, Temperature Stable, Electro Static Discharge, Class II, 0603

OSRAM GmbH
LW-L283-P2R1-3K8L SMARTLED 0603

Kemet Corporation
C0603S472K3RACAUTO SMD Auto X7R FE, Ceramic, Floating Electrode, 4700 pF, 10%, 25 VDC, X7R, SMD, MLCC, FE-CAP, Floating Electrode, Automotive Grade, 0603
C0603C105K3RACTU Ceramic, Commercial-(CxxxxC), 1 uF, 10%, 25 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0603C122J5GACAUTO SMD Auto C0G, Ceramic, 1200 pF, 5%, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade, 0603

Coilcraft lnc.
0603HP_12 Higher Q and lower DCR than other 0603 inductors, Highest SRF values – as high as 16 GHz

Kemet Corporation
C0603C100K3GACTU Ceramic, Commercial-(CxxxxC), 10 pF, 10%, 25 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I

Everlight Electronics C...
19-213-G6C-FN2Q1L-3T 0603 Package Chip LED(0.6mm Height)

  1 2 3 4 5 6 7 8 9 10