Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



0.80MM Fiches techniques, Datasheet

Description trouvée : '0.80MM' - Totale: 489 (1/25) Pages
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0675031030 0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, RightAngle, Solder Tabs with Back Cover and PCB Locator Plastic Pegs Length 0.80mm(.031"), Lead Free
0757830135 0.80mm (.031") Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.76μm (30μ") Gold (Au), Through Hole Shell, Dual Key
0757840156 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.76μm 0.38μm (15μ), Through Hole 3.56 Shell, Universal Key
0878240003 1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab
1717742118_17 EdgeLine 25 Vertical Connector, 25 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness

Wurth Elektronik GmbH &...
658801103080 0.80mm SMT Female Shrouded Vertical Receptacle 11.75mm Height WR-BTB

Molex Electronics Ltd.
0757840023 0.80mm Pitch, iPass I/O Surface Mount Receptacle, Vertical, Internal Assembly
0757840137_17 0.80mm Pitch, iPass I/O Surface Mount Receptacle, Vertical, Internal Assembly
0755860105 0.80mm Pitch, iPass I/O Surface Mount Receptacle, Right Angle, External Application
0482111201 0.80mm (.031") Pitch MDC Board-to-Board Receptacle, Surface Mount, Vertical, 4.20mm (.165") Mated Height, 12 Circuits, Lead Free
0675031340 0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Through Hole, RightAngle, Straight Solder Tabs, with PCB Locator Plastic Pegs, Lead Free
0744410017 0.80mm (.031") Pitch XFP Host Connector, Z-Axis Pluggable, Right Angle, SMT, 30Circuits, 0.76μm (30μ") Gold (Au
0755860009 0.80mm (.031") Pitch, iPass™ I/O SMT Receptacle, Right Angle, External Application, 26 Circuit, 0.76μm (30μ") Gold (Au)
0757830145 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), Through Hole Shell, Left Key
0757830160 0.80mm (.031") Pitch, iPass I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit
1706732278_17 EdgeLine Vertical Connector, 12.5 Gbps, 0.80mm Pitch, 1.57mm PCB Thickness

Adam Technologies, Inc.
SPH220SGSMT 0.80mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS

Molex Electronics Ltd.
0533092670 0.80mm (.031") Pitch Board-to-Board Header, Surface Mount, Dual Row, Right AngleLead-free, 26 Circuits
0743370063 0.80mm (.031") Pitch Ultra+™ VHDCI Receptacle, Stacked, Right Angle, Version 4Footprint, 136 Circuits
0757830157 0.80mm (.031") Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application36 Circuit, 0.76μm (30μ") Gold (Au), Through Hole Shell, Left Key