Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



0.60 Fiches techniques, Datasheet

Description trouvée : '0.60' - Totale: 15 (1/1) Pages
FabricantNo de pièceVoirDescription

Ningbo Foryard Optoelec...
FYS-6011CX-00 0.60 Inch (15.00mm) digit height Single Digit Display

Lucky Light Electronic
KW1-601 LED Numeric Display Single Digit (0.60)

LightKey Optoelectronic...
LD6011AB 0.60 inch Single Digit 7 Segment LED Display

Frontier Electronics.
DP1624K0603BT Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.

Vishay Siliconix
V20200C Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A

Frontier Electronics.
DP2549K0603AT Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.

Renesas Technology Corp
RL78 True Low Power Platform (as low as 66 A/MHz, and 0.60 A for RTC + LVD), 1.6 V to 5.5 V operation

Frontier Electronics.
DP2549K0603BT Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.

Analog Microelectronics
SOT-223 A : MIN 0.01 MAX 0.10 B : MIN 0.60 MAX 0.84

Intersil Corporation
IRFF9120 4A, 100V, 0.60 Ohm, P-Channel Power MOSFET

Frontier Electronics.
DP1624K0603AT Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP2549K0603CT Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.

Solid States Devices, I...
SFFR450M -10 AMP -500 VOLTS 0.60 ohm RADIATION HARDENED N-Channel Power MOSFET

Ningbo Foryard Optoelec...
FYS-6011AX-00 0.60 Inch (15.00mm) digit height Single Digit Display

Solid States Devices, I...
SFF15N80-3 15 AMPS 800 VOLTS 0.60 Ω N-CHANNEL POWER MOSFET