Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



0.5 Fiches techniques, Datasheet

Description trouvée : '0.5' - Totale: 1177 (1/59) Pages
FabricantNo de pièceVoirDescription

Hittite Microwave Corpo...
HMC742HFLP5E 0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz

Advanced Semiconductor ...
AAT530B6 0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator

Energizer
L91 1.5 Volts 14.5 grams (0.5 oz.) 8.0 cubic centimeters (0.5 cubic inch)

Hittite Microwave Corpo...
HMC625HFLP5E 0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz

Vishay Siliconix
FCSP0530TR Chip Scale Package Schottky Barrier Rectifier, 0.5 A

EPCOS
B84110A Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A

Tyco Electronics
MD20-0016-S Double Balanced Mixer 0.5 - 500 MHz

Kemet Corporation
C0402C508B5GACTU SMD Comm C0G, Ceramic, 0.5 pF, +/-0.1 pF, 50 V, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0402

Pasternack Enterprises,...
PE1V11016_16 0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 600 MHz to 1,000 MHz With Phase Noise of -96 dBc/Hz

Vishay Siliconix
WSLS2512R0200FHEB Power Metal Strip® Resistors, Improved Stability (0.25 % and 0.5 %), Low Value, Surface Mount

Pasternack Enterprises,...
PE6086 50 Ohm 0.5 Watts Precision 2.92mm Male RF Load With Chain Up To 40 GHz

NXP Semiconductors
PBSS3515E 15 V, 0.5 A PNP low VCEsat (BISS) transistor

STMicroelectronics
RHF1201 Rad-hard 12-bit 0.5 to 50 Msps A/D converter

List of Unclassifed Man...
SHF-0189 0.05 - 6 GHz, 0.5 Watt GaAs HFET

Jinan Gude Electronic D...
MSB051 SINGLE PHASE 0.5 AMP GLAS PASSIVATED BRIDGE RECTIFIERS

List of Unclassifed Man...
SHTW2 Ultra-small flip chip package: 1.3 × 0.7 × 0.5 mm3

Texas Instruments
LM43600-Q1_15 SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage

Tyco Electronics
1544247-1 CLIP 4.8X0.8 et 0.5 TYPE NG1 AVEC ERGOT

Micro Commercial Compon...
MBRX0520_08 0.5 Amp Schottky Rectifier 20 to 60 Volts

M/A-COM Technology Solu...
MASWSS0167 2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz