Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



0.47 Fiches techniques, Datasheet

Description trouvée : '0.47' - Totale: 312 (1/16) Pages
FabricantNo de pièceVoirDescription
Company Logo Img
Kemet Corporation
C1206C474K4RACTU Datasheet pdf image Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, +/-10% Tol, 16 V, X7R, 1206 (3216 metric)Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.47 uF, +/-10% Tol, 16 V, X7R, 1206 (3216 metric)
C1812C474J5JACTU Datasheet pdf image SMD Comm U2J, Ceramic, 0.47 uF, 5%, 50 VDC, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1812
R46KN347040H1M Datasheet pdf image Capacitor, film, 0.47 uF, +/-20% Tol, -40/+125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R60PR34705040J Datasheet pdf image Film, Metallized Polyester, Commercial Grade, R60, 0.47 uF, 5%, 630 V, 85C, Lead Spacing = 27.5mm
C330C474K5R5TA Datasheet pdf image Ceramic, GoldMax, 0.47 uF, 10%, 50 V, X7R, GoldMax, Commercial Standard, Lead Spacing = 5.08mm
C1812X474K5RACAUTO Datasheet pdf image SMD Auto X7R Flex, Ceramic, 0.47 uF, 10%, 50 VDC, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 1812
C1206F474K5RACAUTO Datasheet pdf image Ceramic, Open Mode, AUTO-OpenMode-(CxxxxF-AUTO), 0.47 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Open Mode, Automotive Grade
C0603C474K9RACTU Datasheet pdf image Ceramic, Commercial-(CxxxxC), 0.47 uF, 10%, 6.3 V, 0603, X7R, SMD, MLCC, Temperature Stable, Class II
C0805C474M3VACTU Datasheet pdf image SMD Comm Y5V, Ceramic, 0.47 uF, 20%, 25 VDC, Y5V, SMD, MLCC, General Purpose, Class III, 0805
R60MN34705030J Datasheet pdf image Film, Metallized Polyester, Commercial Grade, R60, 0.47 uF, 5%, 400 V, 85C, Lead Spacing = 22.5mm
T491A474K025AT Datasheet pdf image Tantalum, MnO2 Tantalum, T491, 0.47 uF, 10%, 25 V, 3216, SMD, MnO2, Molded, 13 Ohms, Height Max = 1.8mm
C0805X474K5RACAUTO Datasheet pdf image Capacitor, Ceramic, SMD, MLCC, FT-CAP, Auto Grade, 0.47 uF, +/-10% Tol, 50 V, X7R, 0805 (2012 metric)
C0805F474K3RACTU Datasheet pdf image Ceramic, Open Mode, OpenMode-(CxxxxF), 0.47 uF, 10%, 25 V, 0805, X7R, SMD, MLCC, Open Mode, Temperature Stable
FGH0H474ZF Datasheet pdf image Supercapacitors, Radial Pin, Commercial Grade, FGH, 0.47 F, -20/+80%, 5.5 V, Pin Leads, Lead Spacing = 5.08mm
C0805X474K3RACAUTO Datasheet pdf image SMD Auto X7R Flex, Ceramic, 0.47 uF, 10%, 25 VDC, X7R, SMD, MLCC, FT-CAP, Automotive Grade, 0805
PHE844RD6470MR30L2 Datasheet pdf image Capacitor, film, 0.47 uF, +/-20% Tol, -40/+105C, Safety: X1, 480 VAC, Lead Spacing=22.5 mm
C1812C474M5RACTU Datasheet pdf image SMD Comm X7R, Ceramic, 0.47 uF, 20%, 50 V, X7R, SMD, MLCC, Temperature Stable, Class II, 1812
C0603X474J4RACTU Datasheet pdf image SMD Comm X7R Flex, Ceramic, 0.47 uF, 5%, 16 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0603
R76PR34704030J Datasheet pdf image Capacitor, film, 0.47 uF, +/-5% Tol, -55/+105C, General Purpose, 630 VDC@85C, Lead Spacing=27.5 mm
C1812X474K1RACTU Datasheet pdf image Ceramic, FlexTerm-(CxxxxX), 0.47 uF, 10%, 100 V, 1812, X7R, SMD, MLCC, FT-CAP, Temperature Stable