Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



0.35 Fiches techniques, Datasheet

Description trouvée : '0.35' - Totale: 58 (1/3) Pages
FabricantNo de pièceVoirDescription

ON Semiconductor
NLAS5223B_11 Ultra-Low 0.35 Dual SPDT Analog Switch

Analog Microelectronics
PQFP-44 A : MIN - MAX 2.70 B : MIN 0.15 MAX 0.35

Kingbright Corporation
APG0603SEC-E-TT_17 0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp

Rectron Semiconductor
HVM20 HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE 20000 Volts CURRENT 0.35 Amperes)
HVM5_13 HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes

Molex Electronics Ltd.
0639037000 FineAdjust Applicator for Mini-Fit TPA2 Crimp Terminals, 0.22mm², 0.25mm², 0.35 mm

ATMEL Corporation
UA1E 0.35 um ULC Series with Embedded DPRAM
MH1RT Radiation Tolerant 0.35 um CMOS

Alpha & Omega Semicondu...
AOZ6237 0.35 ohm Low-Voltage Dual SPDT Analog Switch

Molex Electronics Ltd.
63819-3900 Hand Crimp Tool for CTX 1.50mm Receptacle Terminal, 0.30, 0.35, and 0.50mm Wires

Analog Devices
ADG839 0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX

Marktech Corporate
MTLB2135-G Marktech 0.35 Light Bar LEDs

Jinan Jing Heng Electro...
BZX84C2V0 0.35 SILICON PLANAR ZENER DIODES

MagnaChip Semiconductor...
MDP16N50G N-Channel MOSFET 500V, 16.0 A, 0.35(ohm)

Vishay Siliconix
DG2535 0.35 OHM Low-Voltage Dual SPDT Analog Switch

STMicroelectronics
STB11NM80_07 N-channel 800 V - 0.35 Ω - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh™ Power MOSFET

ON Semiconductor
NLAS5223B_15 Ultra-Low 0.35 Dual SPDT Analog Switch

Molex Electronics Ltd.
0639037000 FineAdjust Applicator for Mini-Fit TPA 2.0 Crimp Terminals, 0.22mm, 0.25mm, 0.35 mm and 22-24 AWG wires
0945091103 FORK TERM FOR 0.35 TO 0.50 mm² wire, (20-22AWG), Tab Size: 2.10mm

STMicroelectronics
STP11NM80_10 N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, TO-247

1 2 3 Next


1 2 3 Next