Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

0.1 Fiches techniques, Datasheet

Description trouvée : '0.1' - Totale: 878 (1/44) Page
FabricantNo de pièceVoirDescription

Kemet Corporation
T494A104K035AT Tantalum, MnO2 Tantalum, T494, 0.1 uF, 10%, 35 V, 3216, SMD, MnO2, Molded, Low ESR, 10 Ohms, Height Max = 1.8mm
C0805X104K3RACTU SMD Comm X7R Flex, Ceramic, 0.1 uF, 10%, 25 VDC, X7R, SMD, MLCC, FT-CAP, Temperature Stable, 0805

Vaishali Semiconductor
VHD200 Bulk Metal® Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/°C and Tolerance Match down to 0.001 %

Pasternack Enterprises,...
PE7035-5 0 to 1 dB Rotary Step Attenuator, 75 Ohm BNC Female To 75 Ohm BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz

List of Unclassifed Man...
1803D Selectable gate times 0.1 sec and 1.0 sec

Kemet Corporation
LDEQH3100KA5N00 Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.1 uF, 10%, 1,000 V, 250 V, 125C, 6054, 4.8mm
C0402C104K3PAC7411 SMD Comm X5R, Ceramic, 0.1 uF, 10%, 25 V, X5R, SMD, MLCC, Temperature Stable, Class II, 0402
C1210F104K2RACTU SMD Comm X7R FO, Ceramic, Open Mode, 0.1 uF, 10%, 200 VDC, X7R, SMD, MLCC, Open Mode, Temperature Stable, 1210
C2220C104MARACTU SMD Comm X7R Tip-Ring, Ceramic, 0.1 uF, 20%, 250 VDC, X7R, SMD, MLCC, Temperature Stable, Tin Termination, 2220

Molex Electronics Ltd.
0905711641 2.54mm (.100) Pitch QF-50™ Header, Vertical, Dual Row, Shrouded, DIN Keying, with Latch/Eject Levers, 64 Circuits, 0.1 μm Gold (Au)

Kemet Corporation
R73PN31004000J Capacitor, film, 0.1 uF, +/-5% Tol, -55/+105C, General Purpose, 630 VDC@85C, Lead Spacing=22.5 mm
PZB300MC13R30 Film, Metallized Paper, Safety, PZB300/P300, 0.1 uF, 20%, 275 V, 100C, Lead Spacing = 20mm
F161WP104K050V Film, Metallized Polyester Stacked, Commercial Grade, F161, 0.1 uF, 10%, 50 V, 30 V, 85C, 4036, 5.5mm
R82IC3100DQ60J Film, Metallized Polyester Stacked, Commercial Grade, R82, 0.1 uF, 5%, 250 V, 85C, Lead Spacing = 5mm
C0402C104J8RACAUTO SMD Auto X7R, Ceramic, 0.1 uF, 5%, 10 VDC, X7R, SMD, MLCC, Temperature Stable, Automotive Grade, 0402

Chenmko Enterprise Co. ...
CH451FPT SCHOTTKY BARRIER DIODE VOLTAGE 40 Volts CURRENT 0.1 Ampere

TriQuint Semiconductor
TGA2216-SM_15 0.1 3.0GHz 10W GaN Power Amplifier

Kemet Corporation
R60QN3100AA30J Film, Metallized Polyester, Commercial Grade, R60, 0.1 uF, 5%, 1,000 V, 85C, Lead Spacing = 22.5mm
C0805Y104K5RACAUTO Ceramic, Floating Electrode, AUTO-FlexFloat-(CxxxxY-AUTO), 0.1 uF, 10%, 50 V, 0805, X7R, SMD, MLCC, FF-CAP, Floating Electrode, Automotive Grade
C1210W104KBRACTU Ceramic, Anti-Arcing, ArcShieldFlexTerm-(CxxxxW), 0.1 uF, 10%, 630 V, 1210, X7R, SMD, MLCC, Arcshield, High Voltage

  1 2 3 4 5 6 7 8 9 10