Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

200 Fiches techniques, Datasheet

Description trouvée : '200' - Totale: 2711 (1/136) Page
FabricantNo de pièceVoirDescription

Tyco Electronics
M222 Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz

ON Semiconductor
CAT8801 200 nA Microprocessor Power Supply Supervisors Ultra Low 200 nA Supply Current

Rectron Semiconductor
BAV21W SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere

Cree, Inc
C460UT2200-S0550 Small Chip 200 x 200 x 50

Motorola, Inc
MJL3281A 15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS

ON Semiconductor
2N7000_07 Small Signal MOSFET 200 mAmps, 60 Volts N−Channel TO−92 200 mAMPS 60 VOLTS

M/A-COM Technology Solu...
MDS-222 Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz

Tyco Electronics
DS-222 Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz

List of Unclassifed Man...
79696035 Thermocouple / Pt100 Pt100 probe Class B max : 200 °C Pt100 probe Class B with sheath - St. steel 316 L Ø 6 mm : 200 mm longSilicon teflon cable : 2 m long - 3-wire assembly

Vishay Siliconix
SIDR610DP N-Channel 200 V (D-S) MOSFET

ON Semiconductor
2SC2712GT1G Medium Frequency NPN Amplifier Transistor 50 V, 200 mA, 80 MHz

Texas Instruments
ADC121S625_15 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter

Rectron Semiconductor
USF21 GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 2.0 Amperes

Solid States Devices, I...
2R3S 8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER

Analog Devices
AD7854 3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs

Central Semiconductor C...
CMSH5-100HV SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 5 AMP, 100 THRU 200 VOLTS

Kemet Corporation
T495X226K035ATE200 Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Low ESR, 200 mOhms, Height Max = 4.3mm

Solid States Devices, I...
SFS2326 1.6 AMPS 200 - 400 VOLTS SILICON CONTROLLED RECTIFIER

California Eastern Labs
PS8103 HIGH-SPEED (200 kbps) ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER

Kemet Corporation
M3253505E1C102JZMB-T SMD MIL C0G PRF32535, Ceramic, Military/High Reliability, 1000 pF, 5%, 200 V, C0G, SMD, Low ESR, MIL-PRF-32535, N/A, 1206

  1 2 3 4 5 6 7 8 9 10