Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



2.7 Fiches techniques, Datasheet

Description trouvée : '2.7' - Totale: 493 (1/25) Pages
FabricantNo de pièceVoirDescription

Kemet Corporation
HVZ0E275NF Supercapacitors, Radial, Commercial Grade, HVZ, 2.7 F, 30%, 2.7 V, Wire Leads, Lead Spacing = 3.5mm

Micro Commercial Compon...
MMXZ5223B_13 200 mW Zener Diodes 2.7 to 39 Volts

Kemet Corporation
CBR02C279B5GAC CBR-SMD RF C0G, Ceramic, High Q, 2.7 pF, +/-0.1 pF, 50 V, 0201, C0G, SMD, Fixed, RF, Ultra High Q, Low ESR, Class I
C4AQQBU4270A1XJ C4AQ, Film, Metallized Polypropylene, Automotive DC Link, 2.7 uF, 5%, 1,100 V, 70C, Lead Spacing = 27.5mm

NXP Semiconductors
XA-S3 XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range

Texas Instruments
TLV571 2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER

Analog Devices
AD8364 LF to 2.7 GHz Dual 60 dB TruPwr Detector

Lineage Power Corporati...
ATM030A0X3-SR 2.7 - 4.0Vdc input; 0.8 to 2.0Vdc Output; 30A output current

Analog Devices
ADT6504SRJZN015RL7 Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23

Texas Instruments
LM3248 LM3248 2.7 MHz, 2.5A Adjustable Boost-Buck DC/DC Converter

Analog Devices
AD5061_15 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V, in an SOT-23

TriQuint Semiconductor
TGA2731-SM_15 2.7 to 4.0 GHz Driver Amplifier

Texas Instruments
TLK2701_16 1.6 TO 2.7 GBPS TRANSCEIVER

Kemet Corporation
C1206C275K3PACTU Ceramic, Commercial-(CxxxxC), 2.7 uF, 10%, 25 V, 1206, X5R, SMD, MLCC, Temperature Stable, Class II

Analog Devices
ADN2841_15 Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver

NXP Semiconductors
PBSS4350SPN_15 50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor

LEM
LF1010-S Bipolar and insulated current measurement up to 2.7 kA

Analog Devices
AD7812YRUZ 2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs

Texas Instruments
TLV1562_14 2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN

Analog Devices
ADT6502_15 Low Cost, 2.7 V to 5.5 V, Micropower Temperature Switches in SOT-23