Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  



(E.G. Fiches technique, PDF

Mot-clé recherché : '(E.G.' - Totale: 20 (1/1) Pages
FabricantNo de pièceFiches techniqueDescription
Company Logo Img
WAGO Kontakttechnik Gmb...
2000-549 Datasheet pdf image
151Kb/5P
Spacer module; modular; e.g., for bridging commoned terminal blocks
25.11.2021
Company Logo Img
EPCOS
B57703M0502G040 Datasheet pdf image
61Kb/3P
Surface temperature measurement,e.g. on housings and pipes
Company Logo Img
WAGO Kontakttechnik Gmb...
2001-549 Datasheet pdf image
155Kb/5P
Spacer module; modular; e.g., for bridging commoned terminal blocks
24.11.2021
Company Logo Img
EPCOS
B59011E0160A040 Datasheet pdf image
61Kb/3P
Liquid level detection, e.g. for overflow protection in oil tanks
Company Logo Img
PHOENIX CONTACT
2700979 Datasheet pdf image
50Kb/2P
Axioline F long power connector (for e.g., AXL BK PN)
Company Logo Img
WAGO Kontakttechnik Gmb...
2007-8811 Datasheet pdf image
699Kb/13P
2-conductor disconnect/test terminal block; e.g., voltage transformer circuits
23.11.2021
2007-8821 Datasheet pdf image
852Kb/16P
2-conductor disconnect/test terminal block; e.g., current transformer circuits
23.11.2021
Company Logo Img
PHOENIX CONTACT
2701728 Datasheet pdf image
52Kb/2P
Axioline F connector set (for e.g., AXL F DI64/1 2F)
2701207 Datasheet pdf image
56Kb/2P
Direct driver connection to controllers, e.g., to Siemens S7 or via Modbus/TCP and Modbus/RTU
2400244 Datasheet pdf image
56Kb/2P
Direct driver connection to controllers, e.g., to Siemens S7 or via Modbus/TCP and Modbus/RTU
2701171 Datasheet pdf image
56Kb/2P
Direct driver connection to controllers, e.g., to Siemens S7 or via Modbus/TCP and Modbus/RTU
2403729 Datasheet pdf image
56Kb/2P
Direct driver connection to controllers, e.g., to Siemens S7 or via Modbus/TCP and Modbus/RTU
Company Logo Img
Rectron Semiconductor
BC817V Datasheet pdf image
414Kb/4P
P/N suffix V means AEC-Q101 qualified, e.g :BC817V P/N suffix V means Halogen-free
Company Logo Img
Siemens Semiconductor G...
BF994S Datasheet pdf image
118Kb/7P
Silicon N Channel MOSFET Tetrode (For VHF applications, especially for input and mixer stages with a wide tuning range, e.g. in CATV tuners)
Company Logo Img
ETAL Group
2216-S1 Datasheet pdf image
4Mb/8P
Protection of AC and DC control circuits in industrial automation applications and buildings, e.g. in the chemical industry, power plants, steel industry and machine construction
Company Logo Img
ELMOS Semiconductor AG
E909-05 Datasheet pdf image
1Mb/67P
The HALIOS짰 multi purpose optical sensor is based on an optical bridge which provides a contactless detec-tion of gestures (e.g. movement of a finger).
Company Logo Img
ETAL Group
2210-S2 Datasheet pdf image
388Kb/6P
Process control equipment, robotics, machine tool control, communicationssystems, instrumentation, rail vehicles. Special versions, e.g. for aggressive environmental conditions and low voltages (e. g. 5 V) on request
Company Logo Img
PHOENIX CONTACT
2319200 Datasheet pdf image
44Kb/2P
Adapter cable to connect the IB IL RS232 and IB IL RS232-PRO Inline communication terminals to the interface converter, e.g. modem, Com server, Bluetooth or fiber optics.
Company Logo Img
Neutrik AG
NL4MP-UC Datasheet pdf image
64Kb/3P
4 pole chassis connector for 40 A rms continuous, 50 A audiosignal duty cycle 50%. Black D-size flange, countersunk thru holes, 1/4" flat tabs (termination e.g. with Faston tab Tyco part # 41829)
Company Logo Img
PHOENIX CONTACT
2741477 Datasheet pdf image
45Kb/2P
Passive signal distributor, connection element, from flat-ribbon cable to 5 x M12 plug, e.g., for connecting up to 5 FLX AS-i M8 devices or 5 AS-i S-Line devices to the AS-i flat-ribbon cable