Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



AC Fiches techniques, Datasheet

Description trouvée : 'AC' - Totale: 89 (1/5) Pages
FabricantNo de pièceVoirDescription

PHOENIX CONTACT
ST-OE3-230AC Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: short-circuit resistant, 12-35 V DC/max. 500 mA, can be plugged on basic termination blocks

eupec GmbH
2B6I690-1100-400WM 3 x 800A AC at 690V AC, watercooled
2PS1200R12KS4-4G 1x 610A AC at 400V AC, forced air (fan not implemented)

PHOENIX CONTACT
ST-REL3-SW230 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks

Infineon Technologies A...
2PS0900R17KE3-3GH 1x 527A AC at 690V AC, forced air (fan not implemented)

Kemet Corporation
C-1216 High Current AC, Snap-on Type

Infineon Technologies A...
6PS0200R12KE3-3GH 3x 172A AC at 400V AC, forced air (fan not implemented)

eupec GmbH
6PS0400R12KE3-3G 3x 210A AC at 400V AC, forced air (fan not implemented)
6PS0200R06KE3-3G 3x 197A AC at 230V AC, forced air (fan not implemented)

PHOENIX CONTACT
ST-REL2-KG230AC Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 N/O contact, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL3-KG230 Relay connector, equipped with miniature switching relay, contacts (AgPd60): small loads, 1 PDT, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks

Advantech Co., Ltd.
MBPC-641_1 4-slot MicroBox Desktop/Wallmount Chassis with Open Frame AC, DC Power Supply

Kemet Corporation
LA12-60V21 KEMET, MDCS, Current, Through-Hole, DC/AC/Pulse, AC, DC and Pulse Current Detection

PHOENIX CONTACT
ST-REL4-SW120 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 2 PDT, input voltage 120 V AC, with light indicator, can be plugged onto basic termination blocks
ST-OE2-230AC Pluggable input optocoupler, with light indicator and protection circuits in the input and output circuits, input: 230 V AC, output: 8 - 48 V DC/ max. 100 mA, can be plugged on basic termination blocks
ST-REL7-HW120 Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdO+Au): small to large loads, 4 PDT, input voltage 120 V AC, with light indicator, can be plugged on basic termination blocks
EMG22-K1-W230 Relay module, with plug-in base for KAMMRELAIS® size 1, contact: B 104, 2 PDT, input voltage 120-230 V AC, with light indicator, damping and polarity protection diode
ST-REL3-SW120 Relay connector, equipped with Siemens KAMMRELAIS ®, contacts (Ag): medium loads, 1 PDT, input voltage 120 V AC, with light indicator, can be plugged onto basic termination blocks
2836434 Inline digital output terminal block, without accessories, 1 relay PDT contact, gold contact, 5 - 253 V AC, 3 A
7187 Inline power terminal, 230 V AC, with fuse and diagnostics

1 2 3 4 5 Next


1 2 3 4 5 Next