Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

640 Fiches techniques, Datasheet

Description trouvée : '640' - Totale: 45 (1/3) Page
FabricantNo de pièceVoirDescription

List of Unclassifed Man...
OV7640 OV7640 Color CMOS VGA (640 x 480) CAMERACHIP OV7141 B&W CMOS VGA (640 x 480) CAMERACHIP
HDM6448-6 640 X 480 Dots Graphic Small Size CCFL Backlight

Hantronix,Inc
HDM6448ATSC 640 X 480 10.4 VGA Color w/Touch Screen

Kemet Corporation
C44PRGR6120RASK C44P-R, Film, Metallized Polypropylene, AC Filter, 120 uF, 10%, 640 VAC, 1400 VDC
C44PRGR5470RASK C44P-R, Film, Metallized Polypropylene, AC Filter, 47 uF, 10%, 640 VAC, 1400 VDC

NEC
NL6448BC20-08 17 cm 6.5 type, 640 x 480 pixels 262144 colors, high luminance, wide viewing angle

Kemet Corporation
C44PRGR6100RASK C44P-R, Film, Metallized Polypropylene, AC Filter, 100 uF, 10%, 640 VAC, 1400 VDC

STMicroelectronics
STM8S903K3T6C 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, I²C

LG Semicon Co.,Ltd.
LB064V02 6.4 V (640 X RGB X 480 ) TFT LCD

Hantronix,Inc
HDM6448C-7 640 X 480 7.5 Single Scan VGA Color

STMicroelectronics
STM8S903K3 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, 1 Kbyte RAM, 640 bytes EEPROM,10-bit ADC, 2 timers, UART, SPI, IC

Hantronix,Inc
HDM6448-1 640 X 480 9.5 VGA Monochrome

AZ Displays
AGM6448F 640 x 480 pixel format, CFL Backlight with power harness, 6 inch Display Size, Fine dot pitch of 0.19 mm

Spectrum Microwave, Inc...
SF0640BA03206S 640 MHz SAW Filter, 100 kHz Bandwidth

Hantronix,Inc
HDM6448-7 640 X 480 7.5 VGA Single scan Mono STN display

NEC
NL6448AC33-18A 26 cm 10.4 inches, 640 x 480 pixels, 262144 colors, Luminance adjustable, Non anti-glare panel

Kemet Corporation
C44PRGR5150RASK C44P-R, Film, Metallized Polypropylene, AC Filter, 15 uF, 10%, 640 VAC, 1400 VDC
C44PRGR5330RASK C44P-R, Film, Metallized Polypropylene, AC Filter, 33 uF, 10%, 640 VAC, 1400 VDC

Analog Devices
AD9267 10 MHz Bandwidth, 640 MSPS Dual Continuous Time Sigma-Delta Modulator

Hantronix,Inc
HDM6448-6_15 640 x 480 GRAPHICS LCD DISPLAY MODULE

  1 2 3