Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  



0.35 Fiches techniques, Datasheet

Description trouvée : '0.35' - Totale: 58 (1/3) Pages
FabricantNo de pièceVoirDescription

Rectron Semiconductor
HVM5_13 HIGH VOLTAGE ASSEMBLIED RECTIFIER VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes
HVM5 HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)

ATMEL Corporation
UA1E 0.35 um ULC Series with Embedded DPRAM

Molex Electronics Ltd.
0639037100 FineAdjust Applicator for Mini-Fit TPA2 Crimp Terminals, 0.22mm², 0.25mm², 0.35 mm

Solid States Devices, I...
SFF20N60B 20 AMP 600 Volts 0.35 ohm N-Channel Power MOSFET

Analog Devices
ADG839 0.35 ohm CMOS 1.65 V to 3.6 V Single SPDT Switch/2:1 MUX

Solid State Optronic
AD6C641 Low on-resistance (0.35 ohm TYP)

Jinan Jing Heng Electro...
BZX84C2V0 0.35 SILICON PLANAR ZENER DIODES

Fairchild Semiconductor
FSA2267 0.35 ohm Low Voltage Dual-SPDT Analog Switch

MagnaChip Semiconductor...
MDQ16N50G N-Channel MOSFET 500V, 16.5A, 0.35(ohm)

ON Semiconductor
NLAS5223B_15 Ultra-Low 0.35 Dual SPDT Analog Switch

ATMEL Corporation
MH1 1.6M Used Gates 0.35 μm CMOS Sea of Gates/ Embedded Array

Molex Electronics Ltd.
0945091103 FORK TERM FOR 0.35 TO 0.50 mm² wire, (20-22AWG), Tab Size: 2.10mm
0639037100 FineAdjust Applicator for Mini-Fit TPA 2.0 Crimp Terminals, 0.22mm, 0.25mm, 0.35 mm and 22-24 AWG wires

GREATECS
TP34 0.35 x 3.7 x 3.7 mm Ultra-Low Thin Tactile Switches

LIGITEK electronics co....
LFD3H5-66-XX-PF FOUR DIGIT LED DISPLAY (0.35 Inch)

Seiko Instruments Inc
S1317 5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION

Pasternack Enterprises,...
PE45400 2.92mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width

LIGITEK electronics co....
LFD3G5-62V-XX-PF FOUR DIGIT LED DISPLAY (0.35 Inch)

Pasternack Enterprises,...
PE45402 1.85mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width

1 2 3 Next


1 2 3 Next