Moteur de recherche de fiches techniques de composants électroniques |
|
|
(.276 Fiches technique, PDF |
Mot-clé recherché : '(.276' - Totale: 25 (1/2) Pages |
Fabricant | No de pièce | Fiches technique | Description |
Hubbell Incorporated. |
P4817 |
376Kb/1P |
Anchor, Pole Key, 276 sq-in |
ON Semiconductor |
NTMFS5C604NL |
81Kb/6P |
Power MOSFET 60 V, 276 A, Single N?묬hannel June, 2014 ??Rev. 0 |
Littelfuse |
0275.062M- |
85Kb/2P |
PICO짰 Fuse Very Fast-Acting Fuse 275/276 Series |
Molex Electronics Ltd. |
0351890220 |
67Kb/2P |
4.75mm (.187") Tab, MP-Lock??Housing, 2 Circuits, 7.00mm (.276") Pitch, UL94V-2Natural |
0351530500 |
63Kb/2P |
7.00/7.60/11.60mm (.276/.299/.457") Pitch, 6.35mm (250") Tab Wire-to-Board HousingFemale, 5 Circuits | |
1050380001 |
121Kb/3P |
2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 7.00mm (.276"), Working Height 2.65mm (.104"), 4 Circuits, Lead-free | |
Interpoint Corporation ... |
MHP270 |
493Kb/10P |
Parallel operation with current share, up to 5 units (up to 276 watts) Sync In and Sync Out |
Molex Electronics Ltd. |
0474100001 |
114Kb/3P |
2.00mm (.079") Pitch Battery Connector, 4 Circuits, SMT, Width 7.00mm (.276"), Working Height 3.80mm (.150"), Lead-free |
0533531071 |
367Kb/5P |
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315") Stacking Heights, Lead-free, 10 Circuits | |
0473590001 |
116Kb/3P |
2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 7.00mm (.276"), Working Height 2.10mm (.083"), 4 Circuits, Lead-free | |
0533532071 |
368Kb/5P |
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315") Stacking Heights, Lead-free, 20 Circuits | |
0877751101 |
469Kb/8P |
1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 4.00mm (0.157) Soldertail, 276 Circuits, Lead free | |
0533531871 |
368Kb/5P |
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and 8.00mm (.276 and .315") Stacking Heights, Lead-free, 18 Circuits | |
0533534071 |
367Kb/5P |
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315") Stacking Heights, Lead-free, 40 Circuits | |
0533532871 |
368Kb/5P |
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315") Stacking Heights, Lead-free, 28 Circuits | |
0533643671 |
369Kb/6P |
0.80mm (.031") Pitch Board-to-Board Header, Surface Mount, Dual Row, Vertical, 6.00and 7.00mm (.236 and .276") Stacking Heights, Lead-free, 36 Circuits | |
0533533071 |
368Kb/5P |
0.80mm (.031") Pitch Header, Surface Mount, Dual Row, Vertical Stacking, 7.00 and8.00mm (.276 and .315") Stacking Heights, Lead-free, 30 Circuits | |
0533642071 |
369Kb/6P |
0.80mm (.031") Pitch Board-to-Board Header, Surface Mount, Dual Row, Vertical, 6.00 and 7.00mm (.236 and .276") Stacking Heights, Lead-free, 20 Circuits | |
0533641871 |
369Kb/6P |
0.80mm (.031") Pitch Board-to-Board Header, Surface Mount, Dual Row, Vertical, 6.00and 7.00mm (.236 and .276") Stacking Heights, Lead-free, 18 Circuits | |
0877751001 |
468Kb/8P |
1.00mm (.039) Pitch DDR2 DIMM Socket, Through Hole, 0.76關m (30關) Gold (Au), 2.67mm (0.109) Soldertail, 276 Circuits, Lead free |
1 2 > |
1 2 > |