Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
  Nom de la pièce     
   Description    

   
 

.031 Fiches techniques, Datasheet

Description trouvée : '.031' - Totale: 95 (1/5) Page
FabricantNo de pièceVoirDescription

Molex Electronics Ltd.
0878240003 1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Surface Mount, with Straight Solder Tab
0757830108 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), Retention Shell, Right Key
0757840157 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), Through Hole 3.56 Shell, Left Key
0757830136 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), Through Hole Shell, Universal Key
0757840108 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), Retention Shell, Right Key
0783950001 0.80mm(.031), 1.27mm(.050) Micro SAS Receptacle, Right Angle, SMT, 0.76μm (30μ) Gold (Au) Plating, 25 Circuits, for 1.00mm (.039) PCB Thickness
0757840140 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), Through Hole 2.79 Shell, Universal Key
0757830121 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), Retention Shell, Dual Key
0878390017 1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0757840131 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), Through Hole Shell, Dual Key

Pasternack Enterprises,...
PE4904 MMCX Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing

Molex Electronics Ltd.
0757840148 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), Through Hole 3.18 Shell, Universal Key
0878390018 1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0878390011 1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Vertical, Hybrid, with Straight Solder Tab
0757840110 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Left Key
0887632620 0.80mm (.031) and 2.00mm (.079) Pitch IEEE 1394 4-Pin-to-6-Pin Cable Assembly, 4.50m (14.76) Length
0757840111 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Right Key
0757830156 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), Through Hole Shell, Universal Key
0757830144 0.80mm (.031) Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), Through Hole Shell, Universal Key
0873813463 0.80mm (.031

  1 2 3 4 5